Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2E-X5MF2 2M Datasheet (PDF) - Omron Electronics LLC

E2E-X5MF2 2M Datasheet PDF - Omron Electronics LLC
Part # E2E-X5MF2 2M
Download  E2E-X5MF2 2M Download
File Size   8733.64 Kbytes
Page   35 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Standard Proximity Sensor

E2E-X5MF2 2M Datasheet (PDF)

Go To PDF Page Download Datasheet
E2E-X5MF2 2M Datasheet PDF - Omron Electronics LLC

Part # E2E-X5MF2 2M
Download  E2E-X5MF2 2M Click to download

File Size   8733.64 Kbytes
Page   35 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Standard Proximity Sensor

E2E-X5MF2 2M Datasheet (HTML) - Omron Electronics LLC


E2E-X5MF2 2M Product details

Features
Pre-wired Models with Oil-resistant Reinforced PUR Cables Added
to the Lineup and Easy Differentiation with Orange Head
Lineup includes models with Smartclick pre-wired connectors for fast connection.
UL-recognized Models Available
2-Wire Models
Oil Resistance
Cable Flexibility
Cable Flexibility at
Low Temperatures
Oil Resistance (Insulation service life):
twice or three times
that of oil-resistant vinyl chloride
Cable Flexibility:
approximately twice
that of vinyl chloride cables
More Flexibility at −40°C
Differentiation from standard
models: Orange Head
XS5 Smartclick connectors used to
enable checking connector mating
Jacket: Polyester elastomer
Insulation: Oil-resistant grade PUR (polyurethane)
1/8 turn
Insert all
the way.
Click
Lineup includes models with self-diagnostic output to provide notification of failures and
unstable detection conditions, such as coil burnout.
• Contributes to preventive maintenance to keep the line from stopping.
Reduced wiring, fewer resources, and low power consumption contribute to
environmentalism.
• Wiring work and amount of copper wire used reduced to two thirds of that required for 3-wire models.
• Current consumption drastically reduced to less than 10% (when a DC 2-wire model is compared with a DC 3-wire model).
Wide range of ambient operating temperatures: −40°C to 85°C (M8 to M30 models)
• Suitable for low-temperature and high-temperature applications, which are troublesome for photoelectric sensors.
Lineup includes models with flexible cable (M8 to M30 models)
• Reduced risk of disconnection in applications with moving parts.
3-Wire Models




Similar Part No. - E2E-X5MF2 2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X5MF2 2M OMRON-E2E-X5MF2 2M Datasheet
7Mb / 35P
Standard Proximity Sensor
2015.9
More results


Similar Description - E2E-X5MF2 2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-C1C1 OMRON-E2E-C1C1 Datasheet
2Mb / 36P
Standard Proximity Sensor
E2E-X1C1 OMRON-E2E-X1C1 Datasheet
2Mb / 36P
Standard Proximity Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
MINIATURE STANDARD PROXIMITY SENSOR
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
logo
Omron Electronics LLC
TL-N OMRON-TL-N Datasheet
1Mb / 12P
Rectangular Standard Proximity Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com